Part Number Hot Search : 
561KD10 8201XA ELM304P E4001 9128M00 XXXXXBG UMA70CA YDW20
Product Description
Full Text Search
 

To Download FCR150-8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  parameters symbol device number v units repetitive peak off-state voltage and repetitive peak reverse voltage (1) vdrm & vrrm f cr150-8 600 volt rms on-state current at ta=57 and conduction angle of 180o i t (rm s) 1.5 amp peak surge (non-repetitive)on-state current, ? cycle ,at 50hz or 60hz i tsm 15 amp peak gate-trigger current for 3 sec , max i gtm 1. 0 amp peak gate-power dissipation at igt Q igtm p gm 0.1 watt average gate-power dissipation p g (av) 0.01 watt peak gate reverse voltage v rgm 6 v peak off-state current, (1)ta=25 vdrm & vrrm=max. rating ta=125 i drm & i rrm 10 100 a max maximum on-state voltage. (peak) at tc=25 and it =rated amps v tm 1.7 volt max dc holding current,(1) i ho 5 ma max critical rate-of-rise of off-state voltage.(1) gate open,ta=110 critical dv/dt 35 v/ sec dc gate ?trigger current for anode voltage=7vdc, rl=100 i gt 100 a max dc gate ?trigger voltage for anode voltage=7vdc, rl=100 v gt 0.8 volt max gate-controlled turn-on time td+tr igt=10ma tgt 2.2 sec thermal resistance , junction-to-case r j-c 75 /watt typ storage temperature range tstg -40 to + 150 operating temperature range , tj toper -40 to + 110 maximum ratings and electrical characteristics (ta=25 c ) feature: driven directly with ic and mos device. feature proprietary, void-free glass passivate chips. available in voltage ratings from 200 to 600 volts. (vdrm and vrrm) (1)rgk=1k date:2005/07/14 rev.no 1. sensitive gate trigger current. designed for high volume, line-powered control application in relay lamp drivers, small motor controls, gate drivers for large thyristors. 1 2 3 to-92 1. cathode 2. gate 3. anode description mechanical dimensions FCR150-8


▲Up To Search▲   

 
Price & Availability of FCR150-8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X